Part Number Hot Search : 
B7664 MU22S ISL2902 9C08052A 14D361K 58000 15KP280 3223EEY
Product Description
Full Text Search
 

To Download LM13808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM138 - LM238 - LM338
Three-terminal 5 A adjustable voltage regulators
Features

Guaranteed 7 A peak output current Guaranteed 5 A output current Adjustable output down to 1.2 V Line regulation typically 0.005 %/V Load regulation typically 0.1 % Guaranteed thermal regulation Current limit constant with temperature Standard 3-lead transistor package protection remains functional even if the adjustment pin is accidentally disconnected. Normally, no capacitors are needed unless the device is situated far from the input filter capacitors in which case an input bypass is needed. An optional output capacitor can be added to improve transient response. The adjustment terminal can be bypassed to achieve.very high ripple rejection ratios which are difficult to achieve with standard 3-terminal regulators. Besides replacing fixed regulators or discrete designs, the LM238 is useful in a wide variety of other applications. Since the regulator is "floating" and sees only the input-to-output differential voltage, supplies of several hundred volts can be regulated as long as the maximum input to input differential is not exceeded. The LM138, LM238, LM338 are packaged in standard steel TO-3 transistor package. The LM138 is rated for operation from - 55 C to 150 C, the LM238 from - 25 C to 150 C and the LM338 from 0 C to 125 C.
TO-3
Description
The LM138, LM238, LM338 are adjustable 3terminal positive voltage regulators capable of supplying in excess of 5 A over a 1.2 V to 32 V output range. They are exceptionally easy to use and require only 2 resistors to set the output voltage. Careful circuit design has resulted in outstanding load and line regulation comparable to many commercial power supplies. The LM138 family is supplied in a standard 3-lead transistor package. A unique feature of the LM138 family is time-dependent current limiting. The current limit circuitry allows peak currents of up to 12 A to be drawn from the regulator for short periods of time. This allows the LM138 to be used with heavy transient loads and speeds start-up under full-load conditions. Under sustained loading conditions, the current limit decreases to a safe value protecting the regulator. Also included on the chip are thermal overload protection and safe area protection for the power transistor. Overload Table 1. Device summary
Part numbers LM138 LM238 LM338
Order codes LM138K LM238K LM338K
Temperature range -55 C to 150 C -25 C to 150 C 0 C to 125 C
April 2008
Rev 2
1/23
www.st.com 23
Contents
LM138 - LM238 - LM338
Contents
1 2 3 4 5 6 7 Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Typical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Typical application . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Application hints . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
7.1 7.2 7.3 External capacitors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Load regulation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Protection diodes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
8 9
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
2/23
LM138 - LM238 - LM338
Diagram
1
Figure 1.
Diagram
Schematic diagram
3/23
Pin configuration
LM138 - LM238 - LM338
2
Figure 2.
Pin configuration
Pin connections (top view)
TO-3
4/23
LM138 - LM238 - LM338
Maximum ratings
3
Table 2.
Symbol VI - VO PD TSTG TLEAD
Maximum ratings
Absolute maximum ratings
Parameter Input-output voltage differential Power dissipation Storage temperature range Lead temperature (Soldering, 10 seconds) LM138 TOP Operating junction temperature range LM238 LM338 Value 35 V Internally limited -65 to 150 300 -55 to 150 -25 to 125 0 to 125 C C C Unit
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Thermal data
Parameter Thermal resistance junction-case Thermal resistance junction-ambient Value 1.4 35 Unit C/W C/W
Table 3.
Symbol RthJC RthJA
5/23
Electrical characteristics
LM138 - LM238 - LM338
4
Table 4.
Symbol KVI KVO
Electrical characteristics
Electrical characteristics for LM138/LM238 (1)
Parameter Line regulation (2) Load regulation (2) Thermal regulation IADJ Adjustment pin current Adjustment pin current change Reference voltage Line regulation (2) Load regulation (2) Temperature stability Minimum load current IL = 10 mA to 5 A, VI - VO = 3 to 35 V VI - VO = 3 to 35 V, IO = 10 mA to 5 A P 50 W VI - VO = 3 to 35 V IO = 10 mA to 5 A TJ = TMIN to TMAX VI - VO 35 V DC 5 7 VI - VO 10 V VO 5 V VO 5 V 1.19 Test conditions TA = 25C, VI - VO = 3 to 35 V TA = 25C IO = 10 mA to 5 A Pulse = 20 ms VO 5 V VO 5 V Min. Typ. 0.005 5 0.1 0.002 45 0.2 1.24 0.02 20 0.3 1 3.5 8 12 1 0.003 60 dB 60 75 0.3 1 % % A 5 Max. 0.01 15 0.3 0.01 100 5 1.29 0.04 30 0.6 Unit %/V mV % %/W A A V %/V mV % % mA
IADJ VREF KVI KVO KVT IO(MIN)
IO(MAX) Current limit
0.5 ms Peak VI - VO = 30 V
VNO RVF KVH
RMS output noise (% of VO) Ripple rejection ratio Long term stability
Ta = 25C, f = 10 Hz to 10 kHz VO = 10 V, f = 120 Hz CADJ = 10 F TA = 125C
1. (TJ = -55 to 150 C for LM138, TJ = -25 to 150 C for LM238, VI - VO = 5 V, IO = 2.5 A. Although power dissipation is internally limited, these specifications apply to power dissipation up to 50 W, unless otherwise specified) 2. Regulation is measured at constant junction temperature. Changes in output voltage due to heating effects are taken into account separately by thermal rejection.
6/23
LM138 - LM238 - LM338 Table 5.
Symbol KVI KVO
Electrical characteristics
Electrical characteristics for LM338 (1)
Parameter Line regulation
(2)
Test conditions TA = 25C, VI - VO = 3 to 35 V TA = 25C IO = 10 mA to 5 A Pulse = 20 ms VO 5 V VO 5 V
Min.
Typ. 0.005 5 0.1 0.002 45
Max. 0.03 25 0.5 0.02 100 5 1.29 0.06 50 1
Unit %/V mV % %/W A A V %/V mV % %
Load regulation (2) Thermal regulation
IADJ IADJ VREF KVI KVO KVT IO(MIN)
Adjustment pin current Adjustment pin current change Reference voltage Line regulation (2) Load regulation (2) Temperature stability Minimum load current IL = 10 mA to 5 A, VI - VO = 3 to 35 V VI - VO = 3 to 35 V, IO = 10 mA to 5 A P 50 W VI - VO = 3 to 35 V IO = 10 mA to 5 A TJ = TMIN to TMAX VI - VO 35 V DC 5 7 VI - VO 10 V VO 5 V VO 5 V 1.19
0.2 1.24 0.02 20 0.3 1 3.5 8 12 1
10
mA
IO(MAX) Current limit
0.5 ms Peak VI - VO = 30 V
A
VNO RVF KVH
RMS output noise (% of VO) Ripple rejection ratio Long term stability
Ta = 25C, f = 10 Hz to 10 kHz VO = 10 V, f = 120 Hz CADJ = 10 F TA = 125C 60 60
0.003
%
dB 75 0.3 1 %
1. (TJ = 0 to150 C, VI - VO = 5 V, IO = 2.5 A. Although power dissipation is internally limited, these specifications apply to power dissipation up to 50 W, unless otherwise specified) 2. Regulation is measured at constant junction temperature. Changes in output voltage due to heating effects are taken into account separately by thermal rejection.
7/23
Typical characteristics
LM138 - LM238 - LM338
5
Figure 3.
Typical characteristics
Current limit Figure 4. Current limit
Figure 5.
Current limit
Figure 6.
Load regulation
8/23
LM138 - LM238 - LM338 Figure 7. Dropout voltage Figure 8.
Typical characteristics Adjustment current
Figure 9.
Temperature stability
Figure 10. Output impedance
9/23
Typical characteristics Figure 11. Minimum operating current
LM138 - LM238 - LM338 Figure 12. Ripple rejection
Figure 13. Ripple rejection
Figure 14. Ripple rejection
10/23
LM138 - LM238 - LM338
Typical characteristics
Figure 15. Line transient response
Figure 16. Load transient response
11/23
Typical application
LM138 - LM238 - LM338
6
Typical application
Figure 17. 1.2 V to 25 V adjustable regulator
Needed if device is far from filter capacitors. * Optional-improves transient response. Output capacitors in the range of 1mF to 100mF of aluminium or tantalum electrolytic are commonly used to provide improved output impedance and rejection of transients ** VO = 1.25 V (1 + R2/R1) *** R1 = 240 for LM138 and LM238
12/23
LM138 - LM238 - LM338
Application hints
7
Application hints
In operation, the LM338 develops a nominal 1.25 V reference voltage, V(REF), between the output and adjustment terminal. The reference voltage is impressed across program resistor R1 and, since the voltage is constant, a constant current I1 then flows through the output set resistor R2, giving an output voltage of VO = V(REF) (1+ R2/R1) + IADJR2
Figure 18. Application circuit
Since the 50 A current from the adjustment terminal represents an error term, the LM338 was designed to minimize IADJ and make it very constant with line and load changes. To do this, all quiescent operating current is returned to the output establishing a minimum load current requirement. If there is insufficient load on the output, the output will rise.
7.1
External capacitors
An input bypass capacitor is recommended. A 0.1 F disc or 1 F solid tantalum on the input is suitable input by passing for almost all applications. The device is more sensitive to the absence of input bypassing when adjustment or output capacitors are used by the above values will eliminate the possibility of problems. The adjustment terminal can be bypassed to ground on the LM338 to improve ripple rejection. This bypass capacitor prevents ripple form being amplified as the output voltage is increased. With a 10 F bypass capacitor 75 dB ripple rejection is obtainable at any output level. Increases over 20 F do not appreciably improve the ripple rejection at frequencies above 120 Hz. If the bypass capacitor is used, it is sometimes necessary to include protection diodes to prevent the capacitor from discharging through internal low current paths and damaging the device. In general, the best type of capacitors to use are solid tantalum. Solid tantalum capacitors have low impedance even at high frequencies. Depending upon capacitor construction, it takes about 25 F in aluminum electrolytic to equal 1 F solid tantalum at high frequencies. Ceramic capacitors are also good at high frequencies, but some types have a large decrease in capacitance at frequencies around 0.5 MHz. For this reason, 0.01 F disc may seem to work better than a
13/23
Application hints
LM138 - LM238 - LM338
0.1 F disc as a bypass. Although the LM338 is stable with no output capacitors, like any feedback circuit, certain values of external capacitance can cause excessive ringing. This occurs with values between 500 pF and 5000 pF. A 1 mF solid tantalum (or 25 F aluminium electrolytic) on the output swamps this effect and insures stability.
7.2
Load regulation
The LM338 is capable of providing extremely good load regulation but a few precautions are needed to obtain maximum performance. The current set resistor connected between the adjustment terminal and the output terminal (usually 240 ) should be tied directly to the output of the regulator rather than near the load. This eliminates line drops from appearing effectively in series with the reference and degrading regulation. For example, a 15 V regulator with 0.05 resistance between the regulator and load will have a load regulation due to line resistance of 0.05 x IL. If the set resistor is connected near the load the effective line resistance will be 0.05 (1 + R2/R1) or in this case, 11.5 times worse. Figure 4 on page 8 shows the effect of resistance between the regulator and 140 set resistor. With the TO-3 package, it is easy to minimize the resistance from the case to the set resistor, by using 2 separate leads to the case. The ground of R2 can be returned near the ground of the load to provide remote ground sensing and improve load regulation.
7.3
Protection diodes
When external capacitors are used with any IC regulator it is sometimes necessary to add protection diodes to prevent the capacitors from discharging through low current points into the regulator. Most 20 F capacitors have low enough internal series resistance to deliver 20 A spikes when shorted. Although the surge is short, there is enough energy to damage parts of the IC. When an output capacitor is connected to a regulator and the input is shorted, the output capacitor will discharge into the output of the regulator. The discharge current depends on the value of the capacitor, the output voltage of the regulator, and the rate of decrease of VI. In the LM338 this discharge path is through a large junction that is able to sustain 25 A surge with no problem. This is not true of other types of positive regulators. For output capacitors of 100 F or less at output of 15 V or less, there is no need to use diodes.The bypass capacitor on the adjustment terminal can discharge through a low current junction. Discharge occurs when either the input or output is shorted. Internal to the LM338 is a 50 resistor which limits the peak discharge current. No protection is needed for output voltages of 25 V or less and 10 F capacitance. Figure 5 on page 8 shows an LM338 with protection diodes included for use with outputs greater than 25 V and high values of output capacitance output capacitance an LM338 with protection diodes included for use with outputs greater than 25 V and high values of output capacitance.
14/23
LM138 - LM238 - LM338
Application hints
Figure 19. Regulator with line resistance in output lead
Figure 20. Regulator with protection diodes
15/23
Application hints
LM138 - LM238 - LM338
Figure 21. 10 A regulator
* Minimum load - 100 mA VI 10 V VO 3 V VI - VO 3.5 V
Figure 22. 5 A current regulator
* Minimum load - 100 mA VI 10 V VO 3 V
16/23
LM138 - LM238 - LM338
Application hints
Figure 23. 15 A regulator
* Minimum load - 100mA VI 10 V VO 3 V VI - VO 4V
17/23
Application hints
LM138 - LM238 - LM338
Figure 24. 5 V logic regulator with electronic shutdown
* R1 = 240 for LM138 or LM238 * R2 = 720 for LM138 or LM238 ** Minimum load - 100 mA
Figure 25. Tracking pre-regulator
* R1 = 240 for LM138 or LM238 * R2 = 720 for LM138 or LM238 * * Minimum output = 1.2 V
18/23
LM138 - LM238 - LM338
Application hints
Figure 26. Slow turn-on 15 V regulator
* R1 = 240 for LM138 or LM238 * R2 = 2.7 k for LM138 or LM238
19/23
Package mechanical data
LM138 - LM238 - LM338
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second Level Interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
20/23
LM138 - LM238 - LM338
Package mechanical data
TO-3 mechanical data
Dim. A B C D E G N P R U V 30.10 3.88 10.9 16.9 26.2 4.09 39.5 1.185 0.152 0.96 mm. Min. Typ. 11.85 1.05 1.10 1.70 8.7 20.0 0.429 0.665 1.031 0.161 1.555 0.037 Max. Min. inch. Typ. 0.466 0.041 0.043 0.066 0.342 0.787 Max.
P G
A
D C
U
V
O
N
R
P003C/C
B
E
21/23
Revision history
LM138 - LM238 - LM338
9
Table 6.
Date
Revision history
Document revision history
Revision 1 2 First release. Added: Table 1 on page 1. Changes
16-Apr-2003 11-Apr-2008
22/23
LM138 - LM238 - LM338
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
23/23


▲Up To Search▲   

 
Price & Availability of LM13808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X